PART |
Description |
Maker |
LP2950ACN-3.3 LP2950 LP2950AS LP2951ACS-3.3 LP2951 |
3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100 mA Low Dropout Voltage Regulators
|
SIPEX[Sipex Corporation] http://
|
EZ1582 EZ1582CM EZ1582CM-2.5 EZ1582CT EZ1582CT-2.5 |
.100 14POS GOLD SOCKET DUAL INPUT LOW DROPOUT REGULATOR Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection L RND MOM BLK GL UNV LL RoHS Compliant: Yes
|
SEMTECH[Semtech Corporation]
|
LP2950CZ-3.3RA LP2950CZ-5.0RP LP2950ACZ-5.0RA LP29 |
100mA, 3.3V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 1000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator- Pb Free Device; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 CONNECTOR ACCESSORY 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 128 x 128 pixel format, LED or EL Backlight available 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 3V Output, Low Power Low Dropout Voltage Regulator with Error Flag output; ; Pb Free Device; Package: Micro8™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 4000
|
ON Semiconductor
|
CS8101YDR8G |
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8
|
ON Semiconductor
|
ADP3307 ADP3307ART-27 ADP3307ART-3 ADP3307ART-32 A |
High Accuracy anyCAP⑩ 100 mA Low Dropout Linear Regulator High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
|
AD[Analog Devices]
|
G936T83T G936 G936T21B G936T21T G936T22B G936T22T |
3.6 V, 500 mA low dropout regulator 3.6V 500mA/400mA Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
GMT[Global Mixed-mode Technology Inc] Global Mixed-mode Technology Inc.
|
ZXCL5213V40 ZXCL5213V33 ZXCL5213V30 ZXCL5213V28 ZX |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 2.8 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO5 MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS From old datasheet system
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
LP2950--25-S08-R LP2950--25-S08-T LP2950L--25-D08- |
2.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 SOP-8 2.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDIP8 LEAD FREE, DIP-8 2.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 HALOGEN FREE, SOP-8 2.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 LEAD FREE, SOP-8 2.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDIP8 DIP-8 100 mA LOW-DROPOUT VOLTAGE REGULATOR 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, BCY3 2.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 3.6 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 100 mA LOW-DROPOUT VOLTAGE REGULATOR
|
Unisonic Technologies Co., Ltd. UNISONIC TECHNOLOGIES CO LTD E-Tech Electronics LTD
|
LX8384 LX8384-00 LX8384-00CDD LX8384-00CP LX8384-0 |
5A LOW DROPOUT POSITIVE REGULATORS 5A LOW DROPOUT POSITIVE REGULATORS 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 5A LOW DROPOUT POSITIVE REGULATORS 5A条阳性率低压差调节器 5A LOW DROPOUT POSITIVE REGULATORS 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO3 5A LOW DROPOUT POSITIVE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO3 SINGLEMODE FIBER PATCH CABLE, PLEM ST-SC 15M 1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP
|
L4949-D |
100 mA, 5.0 V, Low Dropout Voltage Regulator with Power-On Reset
|
ON Semiconductor
|
|